Part Number Hot Search : 
U1DL49 PSMS24C 1N6294E3 C9018 B1048 MH202 HER501 STK3310
Product Description
Full Text Search
 

To Download AM1535F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  am1 ordering information terminal variation standard types, reversed action types and oil tight types are available in two terminal designs, solder and screw terminals, as shown in the above columns: differences in dimension between solder and screw terminals are as follows; high contact capacity, precise operation am1 (nz basic) switches 49.2 24.1 17.5 features ?10 a high current switching capacity and high precision ?wide allowance of operating speed ?versatile variety of actuators ?ul/c-ul approved typical application ?general industrial machinery ?medical equipment ?measuring instruments ?transportation equipment ?home electric appliances type of switch nz basic (am1) switch remarks: not every combination is available. please refer to the following table, ?roduct types? upper body cover shape & terminal actuators basic specifications 1: flat, solder terminal 3: flat, screw terminal 5: grooved, solder terminal 7: grooved, screw terminal upper body cover shape 0: pin plunger 1: hinge lever (leaf spring) 3: hinge roller lever (roller, leaf, spring) 4: hinge short roller lever 5: overtravel plunger 6: compact overtravel plunger 7: panel mount plunger 811: panel mount roller plunger 812: panel mount cross roller plunger contact f: cadmium free 0: standard type 1: oil tight type 3: reversed action type 4: one way type ex. am 1 5 0 1 f flat grooved solder terminal mm screw terminal n.o. n.c. circut circut terminal plate 17.5 6.3 49.2 17.5 20.2 19.8 cnonc 9.1 49.2 m4 screw p0.7 a e ctb 8 e 201 2 01 -t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e rohs compliant
am1 product types 1. standard type 2. oil tight types remarks: 1. standard part number indicates ul/c-ul mark. 2. standard packing for inner carton: 20cps. specifications 1. contact rating 2. characteristics actuator solder terminal screw terminal pin plunger am1100f am1300f over travel plunger am1105f am1305f compact over travel plunger am1106f am1306f panel mount plunger am1107f am1307f panel mount roller plunger am110811f am130811f panel mount cross roller plunger am110812f am130812f flexible leaf lever am1101f am1301f flexible roller leaf lever am1103f am1303f rigid lever am1501f am1701f rigid short roller lever am1504f am1704f rigid roller lever am1503f am1703f one way type?igid short roller lever am1544f am1744f one way type?igid roller lever am1543f am1743f reversed action type?igid lever am1531f am1731f reversed action type ?igid short roller lever am1534f am1734f reversed action type?igid roller lever am1533f am1733f actuator solder terminal screw terminal rigid lever am1511f am1711f rigid short roller lever am1514f am1714f rigid roller lever am1513f am1713f type voltage resistive load (cos = 1) inductive load (cos = 0.6 to 0.7) motor or lamp load n.c. n.o. standard types one way types reversed action types 125 v ac 10 a 6 a 3 a 1.5 a 250 v ac 10 a 6 a 2 a 1 a 480 v ac 1 a 0.5 a 125 v dc 0.5 a 0.05 a 250 v dc 0.25 a 0.03 a oil tight types 125 v ac 10 a 6 a 3 a 1.5 a 250 v ac 10 a 6 a 2 a 1.0 a 125 v dc 0.5 a 0.05 a item speci?ations expected life mechanical pin plunger types (o.t.: speci?d value) min. 2 10 7 (60 cpm) (at rated overtravel) (oil tight: min. 1.5 10 6 ) other types (o.t.: speci?d value) min. 5 10 6 (60 cpm) (at rated overtravel) (oil tight: min. 1.5 10 6 ) electrical (o.t.: max.) min. 5 10 5 (20 cpm) (at rated load) (oil tight: min. 1.5 10 5 ) insulation resistance min. 100 m ? (at 500 v dc) dielectric strength between open terminals 1,000 vrms for 1 min. between each terminal and other exposed metal parts 2,000 vrms for 1 min. between each terminal and ground 2,000 vrms for 1 min. contact resistance (initial) (by voltage drop, 1 a, 6? v dc) max. 50 m ? vibration resistance (pin plunger type) single amplitude: 0.75 mm, 10 to 55 hz (contact opening: max. 1 msec.) shock resistance pin plunger types min. 300 m/s 2 (contact opening: max. 1 msec.) other types min. 50 m/s 2 (contact opening: max. 1 msec.) allowable operating speed (at no load) 0.1 to 1,000 mm/sec. (at pin plunger position) max. operating cycle rate (at no load) 240 cpm ambient temperature ?5 c to +80 c (no freezing at low temperature) weight approx. 20 to 55 g a e ctb8e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
am1 operating characteristics standard types standard types (cont' d) one way types reversed action types oil tight types types of actuator pin plunger overtravel plunger compact overtravel plunger panel mount plunger operating force, max. 3.63 n release force, min. 1.12 n pretravel, max. mm 0.4 movement differential, max. mm 0.05 overtravel, min. mm 0.13 1.5 1.5 5.6 operating position, mm 15.9 0.4 28.2 0.5 21.2 0.5 21.8 0.8 types of actuator panel mount roller plunger p anel mount cross roller plunger flexible leaf lever flexible roller leaf lever operating force, max. 3.63 n 1.47 n release force, min. 1.12 n 0.14 n pretravel, max. mm 0.4 4 movement differential, max. mm 0.05 1.3 overtravel, min. mm 3.6 1.6 operating position, mm 33.3 1.2 17.5 0.8 28.6 0.8 types of actuator rigid lever rigid short roller lever rigid roller lever operating force, max. 0.69 n 1.57 n 0.98 n release force, min. 0.14 n 0.42 n 0.2 n pretravel, max. mm 10 4.5 7.5 movement differential, max. mm 1.3 0.7 1.3 overtravel, min. mm 5.6 2.4 3.6 operating position, mm 19.1 0.7 30.2 0.4 30.2 0.7 types of actuator rigid short roller lever rigid roller lever operating force, max. 2.23 n 1.67 n release force, min. 0.42 n 0.42 n pretravel, max. mm 3.5 4.5 movement differential, max. mm 0.4 0.5 overtravel, min. mm 1.5 2.4 free position, max. mm 31.8 43.3 operating position, mm 30.2 0.4 41.3 0.4 types of actuator rigid lever rigid short roller lever rigid roller lever operating force, max. 1.67 n 5.30 n 2.35 n release force, min. 0.27 n 1.67 n 0.56 n pretravel, max. mm 5.0 2.5 3.6 movement differential, max. mm 0.9 0.4 0.7 overtravel, min. mm 5.6 2.0 4.0 operating position, mm 19.1 0.8 30.2 0.5 30.2 0.8 types of actuator rigid lever rigid short roller lever rigid roller lever operating force, max. 0.69 n 1.67 n 0.98 n release force, min. 0.14 n 0.42 n 0.20 n pretravel, max. mm 10 4.5 7.5 movement differential, max. mm 1.5 0.7 1.3 overtravel, min. mm 5.6 2.4 3.6 operating position, mm 19.1 0.7 30.2 0.4 30.2 0.7 a e ctb 8 e 201 2 01 -t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
am1 dimensions mm general tolerance: 0.4 1. standard types pin plunger am1100f (solder terminal) am1300f (screw terminal) 2.4 14.6 15 17.5 9.1 5.4 23.3 0.3 4.5 0.1 25.4 0.1 49.2 11.9 o.p. p. t. 4.2 + 0.1 ? 0.05 4.2 dia. hole + 0.1 ? 0.05 operating force, max. 3.63 n release force, min. 1.12 n pretravel, max. mm 0.4 movement differential, max. mm 0.05 overtravel, min. mm 0.13 operating position, mm 15.9 0.4 cad data overtravel plunger am1105f (solder terminal) am1305f (screw terminal) 8.4 4 dia. 6.35 dia. 15 23.3 0.3 o.p. p. t. plunger: hardening steel operating force, max. 3.63 n release force, min. 1.12 n pretravel, max. mm 0.4 movement differential, max. mm 0.05 overtravel, min. mm 1.5 operating position, mm 28.2 0.5 cad data compact over plunger am1106f (solder terminal) am1306f (screw terminal) ?.05 +0.10 4.2 plunger: plastic 7.1 dia. 4.2 p.t. 0.4 max. 23.3 0.3 21.2 o.p. 0.5 14.3 14.5 4.2 +0.10 ?.05 dia. operating force, max. 3.63 n release force, min. 1.12 n pretravel, max. mm 0.4 movement differential, max. mm 0.05 overtravel, min. mm 1.5 operating position, mm 21.2 0.5 cad data panel mount plunger am1107f (solder terminal) am1307f (screw terminal) 8.25 dia. 16 nut (2 thick) lock nut (2 thick) m12 p1 0.5 ?.05 +0.10 4.2 plunger: plastic p.t. 0.4 max. 23.3 0.3 21.8 o.p. 0.8 14.3 13.1 4.2 +0.10 ?.05 dia. r8 operating force, max. 3.63 n release force, min. 1.12 n pretravel, max. mm 0.4 movement differential, max. mm 0.05 overtravel, min. mm 5.6 operating position, mm 21.8 0.8 cad data a e ctb8e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e
am1 panel mount roller plunger mm general tolerance: 0.4 dimensions and operating characteristics are the same as those of panel mount roller plunger type. however, the roller joins the switch body at an angle of 90 . am110811f (solder terminal) am130811f (screw terminal) 90 : plastic m12 p1 roller 12.7 dia. 4.6 nut (2 thick) 16 0.5 ?.05 +0.10 4.2 p.t. 0.4 max. 23.3 0.3 33.3 o.p. 1.2 14.3 4.2 +0.10 ?.05 dia. 15.5 operating force, max. 3.63 n release force, min. 1.12 n pretravel, max. mm 0.4 movement differential, max. mm 0.05 overtravel, min. mm 3.6 operating position, mm 33.3 1.2 cad data panel mount cross roller plunger am110812f (solder terminal) am130812f (screw terminal) 90 m12 p1 nut (2 thick) : plastic roller 12.7 dia. 4.6 16 0.5 ?.05 +0.10 4.2 p.t. 0.4 max. 23.3 0.3 33.3 o.p. 1.2 14.3 4.2 +0.10 ?.05 dia. 15.5 operating force, max. 3.63 n release force, min. 1.12 n pretravel, max. mm 0.4 movement differential, max. mm 0.05 overtravel, min. mm 3.6 operating position, mm 33.3 1.2 cad data flexible leaf lever am1101f (solder terminal) am1301f (screw terminal) 14.6 4.8 49.6 0.8 f. p. o.p. leaf: stainless steel operating force, max. 1.47 n release force, min. 0.14 n pretravel, max. mm 4 movement differential, max. mm 1.3 overtravel, min. mm 1.6 operating position, mm 17.5 0.8 cad data flexible roller leaf lever am1103f (solder terminal) am1303f (screw terminal) 14.6 46 0.8 f. p. o.p. leaf: stainless steel roller 9.5 dia. 4: plastic operating force, max. 1.47 n release force, min. 0.14 n pretravel, max. mm 4 movement differential, max. mm 1.3 overtravel, min. mm 1.6 operating position, mm 28.6 0.8 cad data a e ctb 8 e 201 2 01 -t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
am1 rigid lever mm general tolerance: 0.4 am1501f (solder terminal) am1701f (screw terminal) 26.1 20.1 0.5 f. p. o.p. r63.5 lever: stainless steel 4.8 operating force, max. 0.69 n release force, min. 0.14 n pretravel, max. mm 10 movement differential, max. mm 1.3 overtravel, min. mm 5.6 operating position, mm 19.1 0.7 cad data rigid short roller lever am1504f (solder terminal) am1704f (screw terminal) 26.1 20.1 0.5 f. p. o.p. r26.7 roller 9.5 dia. 4: plastic operating force, max. 1.57 n release force, min. 0.42 n pretravel, max. mm 4.5 movement differential, max. mm 0.7 overtravel, min. mm 2.4 operating position, mm 30.2 0.4 cad data rigid roller lever am1503f (solder terminal) am1703f (screw terminal) 26.1 20.1 0.5 f. p. o.p. r48.3 roller 9.5 dia. 4: plastic operating force, max. 0.98 n release force, min. 0.2 n pretravel, max. mm 7.5 movement differential, max. mm 1.3 overtravel, min. mm 3.6 operating position, mm 30.2 0.7 cad data 2. one way types this type is operated only to one direction, not to the reversed direction by the construction of the roller lever, pivoting aw ay from the cam on the return stroke. rigid short roller lever am1544f (solder terminal) am1744f (screw terminal) 26.1 27.8 max. 20.1 0.5 f. p. o.p. r21.1 roller 4.75 dia. 4.75: plastic operating force, max. 2.23 n release force, min. 0.42 n pretravel, max. mm 3.5 movement differential, max. mm 0.4 overtravel, min. mm 1.5 operating position, mm 30.2 0.4 cad data a e ctb8e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
am1 rigid roller lever mm general tolerance: 0.4 am1543f (solder terminal) am1743f (screw terminal) 26.1 34.1 max. 20.1 0.5 o.p. f. p. r31 roller 9.5 dia. 4: plastic operating force, max. 1.67 n release force, min. 0.42 n pretravel, max. mm 4.5 movement differential, max. mm 0.5 overtravel, min. mm 2.4 operating position, mm 41.3 0.4 cad data 3. reversed action types when the actuator is operated, the switching mechanism returns to the free position. extraordinary force by pushing the plunger too much is not put on the switching mechanism, which means stability in life. rigid lever am1531f (solder terminal) am1731f (screw terminal) 18.7 17.5 20.1 0.5 4.5 0.1 25.4 0.1 9.1 11.9 11.9 49.2 16.9 0.8 f. p. lever: stainless steel o.p. r56 4.2 + 0.1 ? 0.05 4.2 dia. hole + 0.1 ? 0.05 4.8 operating force, max. 1.67 n release force, min. 0.27 n pretravel, max. mm 5.0 movement differential, max. mm 0.9 overtravel, min. mm 5.6 operating position, mm 19.1 0.8 cad data rigid short roller lever am1534f (solder terminal) am1734f (screw terminal) 18.7 20.1 0.5 f. p. o.p. r19 roller 9.5 dia. 4: plastic operating force, max. 5.30 n release force, min. 1.67 n pretravel, max. mm 2.5 movement differential, max. mm 0.4 overtravel, min. mm 2.0 operating position, mm 30.2 0.5 cad data rigid roller lever am1533f (solder terminal) am1733f (screw terminal) 18.7 20.1 0.5 f. p. o.p. r41 roller 9.5 dia. 4: plastic operating force, max. 2.35 n release force, min. 0.56 n pretravel, max. mm 3.6 movement differential, max. mm 0.7 overtravel, min. mm 4.0 operating position, mm 30.2 0.8 cad data a e ctb 8 e 201 2 01 -t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
am1 4. oil tight types mm general tolerance: 0.4 notes the pushbutton part is sealed with the rubber cap and the connected part between the cap and body is also coated with resin so that these parts are kept away from foreign matters. this type has resistance to oil. rigid lever am1511f (solder terminal) am1711f (screw terminal) 26.1 20.1 0.5 f. p. o.p. r63.5 plunger seal 4.8 lever: stainless steel operating force, max. 0.69 n release force, min. 0.14 n pretravel, max. mm 10 movement differential, max. mm 1.5 overtravel, min. mm 5.6 operating position, mm 19.1 0.7 cad data rigid short roller lever am1514f (solder terminal) am1714f (screw terminal) 26.1 20.1 0.5 16.9 0.8 f. p. o.p. r26.7 plunger seal roller 9.5 dia. 4: plastic operating force, max. 1.67 n release force, min. 0.42 n pretravel, max. mm 4.5 movement differential, max. mm 0.7 overtravel, min. mm 2.4 operating position, mm 30.2 0.4 cad data rigid roller lever am1513f (solder terminal) am1713f (screw terminal) 26.1 20.1 0.5 16.9 0.8 f. p. o.p. r48.3 plunger seal roller 9.5 dia. 4: plastic operating force, max. 0.98 n release force, min. 0.20 n pretravel, max. mm 7.5 movement differential, max. mm 1.3 overtravel, min. mm 3.6 operating position, mm 30.2 0.7 cad data 1. regarding fastening of switch body 1) in fastening the switch body, use m4 mounting screws to attach switches with the torque 1.5 n? or less. 2) after mounting and wiring, the insulation distance between ground and each terminal should be con?med as suf?ient. 2. adjustment of the operating device the operating device should be positioned so that it applies no stress to the pushbutton or actuator when the switch is in the open position. if this condition is exceeded, the mechanical and electrical performance will be impaired. in addition, the force applied by the operating device should be in a perpendicular direction. even if the pushbutton is used in the full total travel position, there will be no in?ence on the life of the switch. 3. soldering operations soldering should be done in less than 5 seconds, with a 60 watt iron (tip temperature = 350? max.). care should be taken not to apply force to the terminal during soldering. 4. avoid using switches in the following conditions: ?in corrosive gases such as hydrogen sul?e. ?in ?mmable or explosive gases such as gasoline or thinner etc. ?in a dusty environment. ?in an ambient humidity over 85%. ?in conditions where the perpendicular operating speed is less than 0.1 mm/sec. or more than 1,000 mm/sec. ?in a silicon atmosphere. 5. others caution should be taken not to drop switches. a e ctb8e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e


▲Up To Search▲   

 
Price & Availability of AM1535F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X